Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3394SGS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3394SGS
Description  4 strings 120mA White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394SGS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3394SGS Datasheet HTML 1Page - Monolithic Power Systems MP3394SGS Datasheet HTML 2Page - Monolithic Power Systems MP3394SGS Datasheet HTML 3Page - Monolithic Power Systems MP3394SGS Datasheet HTML 4Page - Monolithic Power Systems MP3394SGS Datasheet HTML 5Page - Monolithic Power Systems MP3394SGS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3394S-S-00A
4 strings 120mA White LED Driver
Evaluation Board
EV3394S-S-00A Rev.1.0
www.MonolithicPower.com
1
10/9/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3394S-S-00A is an evaluation board for
the MP3394SGS, a step-up converter designed
for liquid-crystal displays that employ an array
of LEDs as the light source. It can drive up to 4
strings LEDs in parallel with 200mA/string
maximum current.
The MP3394S uses external power MOSFET
and internal current mode, fixed frequency
architecture and includes current ballast in each
string terminal, which achieves 2.5% current
regulation accuracy between strings. Low
feedback voltage at each LED string help
reduce power loss and improve efficiency.
The MP3394S has multiple features to protect
the converter from fault conditions, including
under-voltage lockout, current limiting, over
voltage, short LED, open LED and thermal
shut-down protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
8 – 28
V
LEDs #
4 LED string
12 LEDs/string
LED Current
ILED
120/string
mA
FEATURES
 4 String, Max 200mA/String WLED Driver
 8V to 28V Input Voltage Range
 2.5% Current Matching Accuracy Between
Strings
 Programmable Switching Frequency
 PWM or DC Input Burst PWM Dimming
 Open and Short LED Protection
 Programmable Over-Voltage Protection
 Cascading Capability with a Single Power
Source
 Under Voltage Lockout
 Thermal Shutdown
APPLICATIONS
 Notebook PC
 LCD Monitor
 LCD TV
 Handy Terminals Display
 Automotive Systems and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3394SGS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394SGS MPS-MP3394SGS Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
More results

Similar Description - MP3394SGS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com