Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGP Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3398EGP
Description  4 strings WLED Controller With 80V Return Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGP Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3398EGP Datasheet HTML 1Page - Monolithic Power Systems MP3398EGP Datasheet HTML 2Page - Monolithic Power Systems MP3398EGP Datasheet HTML 3Page - Monolithic Power Systems MP3398EGP Datasheet HTML 4Page - Monolithic Power Systems MP3398EGP Datasheet HTML 5Page - Monolithic Power Systems MP3398EGP Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3398E-U-00A 4 STRINGS 80V WLED CONTROLLER
EV3398E-U-00A Rev.1.0
www.MonolithicPower.com
3
11/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EV3398E-U-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1,C8
2.2µF
Ceramic
Capacitor,
100V, X7R
1210
Murata
GRM32ER72A225KA35L
1
C2
4.7µF
Ceramic
Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA88L
1
C3
NC
1210
1
C4
22µF
Electrolytic
Capacitor,
100V
DIP
JiangHai
CD263-100V22
1
C5
220µF
Electrolytic
Capacitor,
35V
DIP
JiangHai
CD110-35V220
5
C6,C7,
C11,C13,
C14
NC
0603
1
C9
100pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H101JA01D
1
C10
470nF
Ceramic
Capacitor,
16V, X7R
0805
Murata
GRM219R71C474KA01D
1
C12
470nF
Ceramic
Capacitor,
16V, X7R
0603
Murata
GRM18R7C474KA88D
1
D1
Diode Schottky,
90V,
2A
SMB
Diodes Inc
B290
1
F1
0
Ω
Resistor, 1%
1206
Yageo
RC1206FR-070RL
1
L1
33µH
Inductor,5.5A,45mohm
SMD
Wurth
7447709330
1
M1
N- channel MOSFET
SO8
Analog Power
AM4490N
1
R1
NC
0603
6
R2,R8,
R14,R15,
R16,R18
0
Ω
Resistor, 1%
0603
Yageo
RC0603JR-070RL
1
R3
316k
Ω
Resistor, 1%
0603
Yageo
RC0603FR-07316KL
1
R4
10
Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710RL
1
R5
0.05
Ω
Current Resistor, 1%
1206
Yageo
RC1206FR-070R05L
1
R6
NC
Current Resistor, 1%
1206
Yageo
RC1206FR-070R05L
1
R7
10k
Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
1
R9
270
Ω
Resistor, 1%
0603
Yageo
RC0603FR-07270RL
3
R10,R13,
R20
2k
Ω
Resistor, 1%
0603
Yageo
RC0603FR-072KL
1
R11
200k
Ω
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
2
R12, R19
100k
Ω
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
U1
LED Driver IC
PDIP-16
MPS
MP3398EGP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com