Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGP Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398EGP
Description  4 strings WLED Controller With 80V Return Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGP Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398EGP Datasheet HTML 1Page - Monolithic Power Systems MP3398EGP Datasheet HTML 2Page - Monolithic Power Systems MP3398EGP Datasheet HTML 3Page - Monolithic Power Systems MP3398EGP Datasheet HTML 4Page - Monolithic Power Systems MP3398EGP Datasheet HTML 5Page - Monolithic Power Systems MP3398EGP Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3398E-U-00A
4 strings WLED Controller With 80V Return
Evaluation Board
EV3398E-U-00A Rev.1.0
www.MonolithicPower.com
1
11/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3398E is a step-up controller with four
current channels designed to drive WLED
arrays for large size LCD panel backlighting
applications. The MP3398E is able to expand
the number of LED channels with two or more
ICs in parallel sharing a single power source.
The MP3398E employs peak-current mode with
a fixed switching frequency. The frequency is
programmable
through
an
external
setting
resistor. The MP3398E drives an external
MOSFET to boost up the output voltage from a
4.5V to 33V input supply and regulates the
current in each LED string to the value set by
an external current-setting resistor.
The MP3398E applies four internal current
sources for current balancing. The current
matching achieves 2.3% regulation accuracy
between strings. The low regulation voltage on
the LED current sources reduces power loss.
The MP3398E supports direct PWM dimming
and analog dimming with PWM input. Full
protection
features
include
over-current
protection (OCP), Over-temperature protection
(OTP), Under-voltage protection (UVP), over-
voltage
protection
(OVP),
LED
short/open
protection, and inductor/diode short protection.
The MP3398E is available in TSSOP-16EP and
PDIP-16 packages.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
13
– 33
V
LEDs #
4 LED strings
20 LEDs/string
LED Current
ILED
120/string
mA
FEATURES
 4-String, Max 400mA/String WLED Driver
 4.5V to 33V Input Voltage Range
 80V ABS. Rating for Each String
 2.3% Current Matching Accuracy Between
Each String
 Direct PWM Dimming Mode
 Analog Dimming Mode with PWM Input
 Cascading Capability with a Single Power
Source
 LED Open and Short Protection
 Programmable Recoverable Over-Voltage
Protection (OVP)
 202mV Latch-off Cycle-by-Cycle Current
Limit Threshold
 Latch-Off
Over-Temperature
Protection
(OTP)
 Available in TSSOP-16EP and PDIP-16
Packages
APPLICATIONS
 Desktop LCD Flat Panel Displays
 All-in-one PCs
 2D/3D LCD TVs
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3398EGP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398EGP MPS-MP3398EGP Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results

Similar Description - MP3398EGP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398T-F-00A MPS-EV3398T-F-00A Datasheet
402Kb / 6P
4 strings, 80V Return Voltage WLED Driver Evaluation Board
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com