Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH8D43NP-R68NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH8D43NP-R68NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43NP-R68NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D43NP-R68NC Datasheet HTML 1Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 2Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 3Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
CDRH8D43
Page 2 of 4
Revised: 13-Sep-17
Electrical Characteristics
※1. Inductance measuring conditions at 100kHz.
※2. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
※3. Temperature rise current: The actual DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Part Name
Stamp
Inductance
(μH)
[ within ] ※1
D.C.R. (mΩ)
Max. (Typ.)
(at 20℃)
Saturation
Current
(A) ※2 (Typ.)
Temperature
Rise Current
(A) ※3
CDRH8D43NP-R68NC
R68
0.68±35%
9.5(7.0)
9.0(10.80)
7.60
CDRH8D43NP-1R2NC
1R2
1.2±35%
12.2(9.0)
8.0(10.50)
7.00
CDRH8D43NP-2R0NC
2R0
2.0±30%
14(11)
7.0(9.00)
6.30
CDRH8D43NP-3R9NC
3R9
3.9±30%
19(15)
5.9(7.50)
4.90
CDRH8D43NP-4R7NC
4R7
4.7±30%
22(17)
5.6(7.20)
4.60
CDRH8D43NP-6R8NC
6R8
6.8±30%
25(20)
4.4(5.80)
4.30
CDRH8D43NP-100NC
100
10±30%
36(29)
4.0(5.50)
3.50
CDRH8D43NP-150NC
150
15±30%
53(42)
2.9(3.60)
2.55
CDRH8D43NP-220NC
220
22±30%
75(60)
2.6(3.25)
2.10
CDRH8D43NP-330NC
330
33±30%
125(100)
2.2(2.60)
1.55
CDRH8D43NP-470NC
470
47±30%
150(120)
1.8(2.25)
1.42
CDRH8D43NP-680NC
680
68±30%
240(190)
1.5(1.76)
1.15
CDRH8D43NP-101NC
101
100±30%
360(290)
1.3(1.55)
0.88



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com