Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH8D43NP-R68NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH8D43NP-R68NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43NP-R68NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH8D43NP-R68NC Datasheet HTML 1Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 2Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 3Page - Sumida Corporation CDRH8D43NP-R68NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Power Inductor
CDRH8D43
Page 3 of 4
Revised: 13-Sep-17
0
15
30
45
60
75
90
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
1
2
3
4
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDRH8D43NP-R68NC
△T (℃)
L (μH)
DC (A)
DC (A)
2. CDRH8D43NP-1R2NC
△T (℃)
L (μH)
△T (℃)
3. CDRH8D43NP-2R0NC
L (μH)
DC (A)
△T (℃)
4. CDRH8D43NP-3R9NC
L (μH)
DC (A)
△T (℃)
5. CDRH8D43NP-4R7NC
L (μH)
DC (A)
△T (℃)
6. CDRH8D43NP-6R8NC
L (μH)
DC (A)
△T (℃)
7. CDRH8D43NP-100NC
L (μH)
DC (A)
△T (℃)
8. CDRH8D43NP-150NC
L (μH)
DC (A)
DC (A)
△T (℃)
9. CDRH8D43NP-220NC
L (μH)
L (20℃)
△T
L (100℃)
△T (℃)
10. CDRH8D43NP-330NC
L (μH)
DC (A)
△T (℃)
11. CDRH8D43NP-470NC
L (μH)
DC (A)
DC (A)
△T (℃)
12. CDRH8D43NP-680NC
L (μH)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com