Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0630CDMCCDS-R22MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # 0630CDMCCDS-R22MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-R22MC Datasheet(HTML) 5 Page - Sumida Corporation

  0630CDMCCDS-R22MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
Page 5 of 5
Revised: 1-Sep-17
Solder Reflow Condition
170±10 ℃,60~120s
40s
230℃
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Please refer to the sales offices on our website - http://www.sumida.com
Hong Kong
Shanghai
Shenzhen
Taipei
Tel.+852-2880-6781
FAX.+852-2565-9600
sales@hk.sumida.com
Tel.+86-21-5836-3299
FAX.+86-21-5836-3266
shanghai.sales@cn.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Saitama(Japan)
Seoul
Singapore
San Jose
Tel.+81-48-691-7300
FAX.+81-48-691-7340
sales@jp.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+65-6296-3388
FAX.+65-6841-4426
sales@sg.sumida.com
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Chicago
Obernzell
Neumarkt
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@eu.sumida.com
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com