Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0630CDMCCDS-R22MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0630CDMCCDS-R22MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0630CDMCCDS-R22MC Datasheet(HTML) 2 Page - Sumida Corporation

  0630CDMCCDS-R22MC Datasheet HTML 1Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 2Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 3Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 4Page - Sumida Corporation 0630CDMCCDS-R22MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Power Inductor
0630CDMCC/DS
Page 2 of 5
Revised: 1-Sep-17
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value.
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃
) Board conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
Part No.
Stamp
Inductance
[Within]
(μH)
※1
D.C.R
(mΩ)
Max.(Typ.)
at 25℃
Saturation
Current
(A)
Max.(Typ.)
(at 25℃)
※2
Temperature
rise current
(A)
(Typ.)
※3
0630CDMCCDS-R22MC
R22
0.22±20%
3.0(2.5)
32.3(38.0)
24.0
0630CDMCCDS-R24MC
R24
0.24±20%
3.1(2.6)
31.0(36.6)
23.0
0630CDMCCDS-R33MC
R33
0.33±20%
3.5(3.0)
27.5(32.3)
21.0
0630CDMCCDS-R47MC
R47
0.47±20%
4.1(3.5)
20.6(24.2)
20.0
0630CDMCCDS-R56MC
R56
0.56±20%
4.5(3.9)
17.5(20.5)
18.8
0630CDMCCDS-R68MC
R68
0.68±20%
5.3(4.8)
17.0(20.0)
16.5
0630CDMCCDS-R82MC
R82
0.82±20%
6.0(5.4)
16.5(19.5)
14.8
0630CDMCCDS-1R0MC
1R0
1.0±20%
7.4(6.7)
14.0(16.5)
14.4
0630CDMCCDS-1R5MC
1R5
1.5±20%
12.1(10.6)
12.9(15.2)
10.2
0630CDMCCDS-2R2MC
2R2
2.2±20%
15.0(13.5)
10.5(12.3)
9.3
0630CDMCCDS-3R3MC
3R3
3.3±20%
22.0(18.0)
9.7(11.4)
8.4
0630CDMCCDS-4R7MC
4R7
4.7±20%
33.0(28.0)
5.8(6.8)
6.3
0630CDMCCDS-5R6MC
5R6
5.6±20%
43.0(37.0)
5.5(6.5)
5.2
0630CDMCCDS-6R8MC
6R8
6.8±20%
48.0(42.5)
5.3(6.3)
5.0
0630CDMCCDS-8R2MC
8R2
8.2±20%
60.0(54.0)
4.9(5.8)
4.3
0630CDMCCDS-100MC
100
10.0±20%
67.0(62.0)
4.6(5.5)
4.0
0630CDMCCDS-150MC
150
15.0±20%
115.0(104.0)
3.6(4.3)
3.3
0630CDMCCDS-220MC
220
22.0±20%
200.0(180.0)
3.4(4.0)
2.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com