Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2487DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2487DN
Description  High voltage White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2487DN Datasheet HTML 1Page - Monolithic Power Systems MP2487DN Datasheet HTML 2Page - Monolithic Power Systems MP2487DN Datasheet HTML 3Page - Monolithic Power Systems MP2487DN Datasheet HTML 4Page - Monolithic Power Systems MP2487DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV2487DN-00A – HIGHT VOLTAGE WHITE LED DRIVER EVALUATION BOARD
EV2487DN-00A Rev. 0.1
www.MonolithicPower.com
3
1/26/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV2487DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C8
82pF/50V
Cemaric
capacitor,50V,COG
0603
TDK
C1608COG1H820JK
1
C1
100nF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H104K
1
C9
4.7nF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H472K
2
C6,C7
NS
3
C3,C5,C11
0.1µF/100V
Cemaric
capacitor,100V,X7R
0805
TDK
C2012X7R2A104K
1
C10
NS
2
C2,C4
2.2µF/100V
Cemaric
capacitor,100V,X7R
1210
TDK
C3225X7R2A225K
1
D1
1A/90V
schottky diode 90V,
1A
SMA
TDK
B190A
1
U1
MP2487DN_LF WLED Driver
SOIC8E
MPS
MP2487DN_LF
2
R2,R10
0Ω
Film, 5%
0603
Yageo
RC0603JR-070RL
1
R8,R9
NS
1
R6
20kΩ
Film, 1%
0603
Yageo
RC0603FR-0720KL
1
R7
487kΩ
Film, 1%
0603
Yageo
RC0603FR-
074878KL
1
R1
NS
3
R3,R4,R5
1.82Ω
Film, 1%
0805
Yageo
RC0805FR-
071R82L
1
L1
100µH
Inductor, 100µH,1.3A,
255mΩ
SMD
TOKO
DS106C2-B966BS-
101MP3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com