Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2487DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2487DN
Description  High voltage White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2487DN Datasheet HTML 1Page - Monolithic Power Systems MP2487DN Datasheet HTML 2Page - Monolithic Power Systems MP2487DN Datasheet HTML 3Page - Monolithic Power Systems MP2487DN Datasheet HTML 4Page - Monolithic Power Systems MP2487DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV2487DN-00A
High voltage White LED Driver
Evaluation Board
EV2487DN-00A Rev. 0.1
www.MonolithicPower.com
1
1/26/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2487DN-00A is an evaluation board for the
MP2487DN, a step down converter designed for
driving up to 10 white LEDs in series with 330mA
current.
The MP2487 is a peak current mode control, fixed
frequency regulator to deliver a constant current
of up to 1A to high power white LEDs. Its low
200mV feedback voltage reduces power loss and
improves efficiency.
The wide 4.5V to 55V input range accommodates
a variety of step-down applications, making it
ideal for automotive, industry and general lighting
application.
The MP2487 is available in a SOIC8E package.
FEATURES
• Wide 4.5V to 55V Operating Input Voltage
• Drive up to 10 WLEDs in series of 330mA
• Up to 200kHz programmable Switching
Frequency
• 130µA Quiescent Current
• Up to 97.5% Efficiency
• 220mΩ Internal Power MOSFET
• 200mV reference voltage
APPLICATIONS
• High Power white LED Driver
• Automotive, Industry and General Lighting
• Constant Current Source
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
40 – 55
V
# of WLEDs
10 ( in series)
LED Current
ILED
330
mA
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV2487DN-00A EVALUATION BOARD
(L x W x H) 2” x 1.8” x 0.4”
5.3cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV2487DN-00A
MP2487DN


Similar Part No. - MP2487DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2487DN MPS-MP2487DN Datasheet
207Kb / 13P
55V, 1A High Power LED Driver
More results

Similar Description - MP2487DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2488DN-00A MPS-EV2488DN-00A Datasheet
156Kb / 4P
High Voltage White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
logo
ON Semiconductor
CAT4237EVAL2EVB ONSEMI-CAT4237EVAL2EVB Datasheet
252Kb / 8P
CAT4237 High Voltage White LED Driver Evaluation Board Users Manual
August, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com