Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2488DN
Description  High Voltage White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2488DN Datasheet HTML 1Page - Monolithic Power Systems MP2488DN Datasheet HTML 2Page - Monolithic Power Systems MP2488DN Datasheet HTML 3Page - Monolithic Power Systems MP2488DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2488DN-00A – HIGHT VOLTAGE WHITE LED DRIVER EVALUATION BOARD
EV2488DN-00A Rev. 1.1
www.MonolithicPower.com
2
12/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
C4
2.2uF
100V
C11
0.1uF
VIN
GND
EN
C5
0.1uF
100V
R1
NS
VIN
EN
FREQ
GND COMP
FB
MP2488
5
3
4
1
8
7
2
6
SW
BST
C7
22nF
50V
C9
470pF
50V
C3
0.1uF
100V
C2
2.2uF
100V
L1
47uH
10WLED @ 330mA
LED+
LED-
U1
D1
B180
C10
NS
R9
NS
C1
100nF
C6
NS
C8
1nF
EV2488DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C8
1nF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H102K
1
C7
22nF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H223K
1
C1
100nF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H104K
1
C9
470pF/50V
Cemaric
capacitor,50V,X7R
0603
TDK
C1608X7R1H471K
1
C6
NS
3
C3,C5,C11
0.1µF/100V
Cemaric
capacitor,100V,X7R
0805
TDK
C2012X7R2A104K
1
C10
NS
2
C2,C4
2.2µF/100V
Cemaric
capacitor,100V,X7R
1210
TDK
C3225X7R2A225K
1A/90V
schottky diode 90V, 1A
SMA
TDK
B190A
1
D1
1A/80V
schottky diode 80V, 1A
SMA
TDK
B180-7-F
1
U1
WLED Driver
SOIC8E
MPS
MP2488DN
1
R2
0Ω
Film, 5%
0603
Yageo
RC0603JR-070RL
1
R8
4.02kΩ
Film, 1%
0603
Yageo
RC0603FR-074k02L
1
R6
20kΩ
Film, 1%
0603
Yageo
RC0603FR-0720KL
1
R7
487kΩ
Film, 1%
0603
Yageo
RC0603FR-074878KL
1
R1
NS
3
R3,R4,R5
1.82Ω
Film, 1%
0805
Yageo
RC0805FR-071R82L
1
R9
NS
47µH
Inductor,
47µH,
130mΩ,1.2A
SMD
TDK
SLF7055T-470M1R2-
3PF
1
L1
47µH
Inductor,
47µH,
175mΩ,1.7A
SMD
TOKO
DS104C2-B952AS-
470MP3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com