Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2488DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2488DN
Description  High Voltage White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2488DN Datasheet HTML 1Page - Monolithic Power Systems MP2488DN Datasheet HTML 2Page - Monolithic Power Systems MP2488DN Datasheet HTML 3Page - Monolithic Power Systems MP2488DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2488DN-00A
High Voltage White LED Driver
Evaluation Board
EV2488DN-00A Rev. 1.1
www.MonolithicPower.com
1
12/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2488DN-00A is an evaluation board for the
MP2488DN, a step down converter designed for
driving up to 10 white LEDs in series with 330mA
current.
The MP2488 is a peak current mode control, fixed
frequency regulator to deliver a constant current
of up to 2A to high power white LEDs. Its low
200mV feedback voltage reduces power loss and
improves efficiency.
The wide 4.5V to 55V input range accommodates
a variety of step-down applications, making it
ideal for automotive, industry and general lighting
application.
The MP2488 is available in small 3mmX3mm 10
pin QFN and SOIC8 with exposed pad package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
40 – 55
V
# of WLEDs
10 ( in series)
LED Current
ILED
330
mA
FEATURES
• Up to 55V Input Voltage
• Drive up to 10 WLEDs series of 330mA
• Up to 200kHz programmable Switching
Frequency
• Up to 97.5% Efficiency
• 220mΩ Internal Power MOSFET
• 200mV reference voltage
APPLICATIONS
• High Power white LED Driver
• Automotive, Industry and General Lighting
• Constant Current Source
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2488DN-00A EVALUATION BOARD
(L x W x H) 2” x 1.8” x 0.4”
5.3cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV2488DN-00A
MP2488DN
Efficiency
vs. Input voltage
10 WLED@330mA
90
92
94
96
98
100
30
35
40
45
50
55
60
INPUT VOLTAGE(V)


Similar Part No. - MP2488DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2488DN MPS-MP2488DN Datasheet
231Kb / 14P
200kHz, 55V Input, 2A High Power LED Driver
More results

Similar Description - MP2488DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2487DN-00A MPS-EV2487DN-00A Datasheet
167Kb / 5P
High voltage White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
logo
ON Semiconductor
CAT4237EVAL2EVB ONSEMI-CAT4237EVAL2EVB Datasheet
252Kb / 8P
CAT4237 High Voltage White LED Driver Evaluation Board Users Manual
August, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com