Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2905EK Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2905EK
Description  1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905EK Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2905EK Datasheet HTML 1Page - Monolithic Power Systems MP2905EK Datasheet HTML 2Page - Monolithic Power Systems MP2905EK Datasheet HTML 3Page - Monolithic Power Systems MP2905EK Datasheet HTML 4Page - Monolithic Power Systems MP2905EK Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV2905-K-01A HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER EV BOARD
EV2905-K-01A Rev. 1.0
www.MonolithicPower.com
3
12/7/2017
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
EV2905-K-01A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1A,C1B
22µF
Ceramic
Cap,
X5R,
25V
1210
muRata
GRM32ER61E226KE15L
2
C2A,C2B
22µF
Ceramic
Cap,
X5R,
16V
1210
muRata
GRM32ER61C226KE20L
1
C2C
330µF
Poscap, 6.3V
Poscap
Sanyo
6TPE330MIL
2
C1D,C2D
0.1µF
Ceramic
Cap,
X7R,
25V
0603
muRata
GRM188R71E104KA01D
2
C3,C5
10nF
Ceramic
Cap,
X7R,
50V
0603
muRata
GRM188R71H103KA01D
1
C4
4.7µF
Ceramic
Cap,
X5R,
6.3V
0603
muRata
GRM188R60J475KE19D
1
C6
1µF
Ceramic
Cap,
X7R,
25V
0603
muRata
GRM188R71E105KA12D
1
C7
0.1µF
Ceramic
Cap,
X7R,
50V
0603
muRata
GRM188R71H104KA93D
1
C8
3.9nF
Ceramic
Cap,
X7R,
50V
0603
muRata
GRM188R71H392KA01D
1
C9
2.2nF
Ceramic
Cap,
X7R,
50V
0603
muRata
GRM1885R71H222A01D
1
C10
2.2µF
Ceramic
Cap,
X7R,
10V
0603
muRata
GRM188R71A225KE15D
C11
NS
C12,C13
NS
1
R1
1.05kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-071K05L
1
R2
1kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-071KL
1
R3
3kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-03KL
R4,R5
NS
4
R6,R8
R9,R11
0Ω
Film Res, 1%
0603
Yageo
RC0603FR-070RL
1
R7
20kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-0720KL
2
R10,R12
2Ω
Film Res, 1%
0603
Yageo
RL0603FR-072RL
1
R13
52.3kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-0752K3L
1
D1
B0540W,40V,0.5A
SOD123
Diodes
B0540W
1
D2
B0520LW-7-
F,20V,0.5A
SOD323
Diodes
B0520LW-7-F
1
L1
0.82µH
Inductor,Rated
current=27A,Saturation
current=35A,DCR=0.9
mΩ
SMT
Wruth
744355182
2
Q1,Q2
AM7432N,30V,27A,Rd
s_on=4.9mΩ@4.5Vgs,
Qg=25nC,tr=13ns,tf=43
ns@4.5Vgen
PowerPAK
SO-8
Analog Power
AM7432N
1
Q3
2N7002(60V,115mA)
SOT-23
Diodes
2N7002(60V,115mA)
1
U1
MP2905
Synchronous
Step-Down Controller
MSOP10
MPS
MP2905EK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com