Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2905EK Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2905EK
Description  1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905EK Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2905EK Datasheet HTML 1Page - Monolithic Power Systems MP2905EK Datasheet HTML 2Page - Monolithic Power Systems MP2905EK Datasheet HTML 3Page - Monolithic Power Systems MP2905EK Datasheet HTML 4Page - Monolithic Power Systems MP2905EK Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV2905-K-01A
1.2V, 10A, 300kHz, Hysteretic Synchronous
Step-Down Controller Evaluation Board
EV2905-K-01A Rev. 1.0
www.MonolithicPower.com
1
12/7/2017
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2905-K-01A is the evaluation board for
the MP2905EK, a hysteretic synchronous step-
down controller. It offers a very compact
solution to achieve 1.2V, 10A continuous output
current from a 10.8V to 13.2V input voltage
range over a wide operation input voltage. An
adjustable soft-start prevents inrush current at
turn-on.
Hysteretic voltage control can provide fast
transient without any loop compensation. Full
protection features include OCP, output OVP,
thermal shut down.
The EV2905-K-01A frequency is approximately
300kHz (12V input). Peak Current limit is set at
15A. The efficiency is up to 90% (12V input)
with the supplied components.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
10.8 - 13.2V
V
Output Voltage
VOUT
1.2
V
Load Current
IOUT
10
(1)
A
FEATURES
 10A Output Current,1.2V Output Voltage
 Programmable Soft-Start
 Hiccup Current Limit and Thermal
Shutdown
 Monotonic Startup into Prebias Output
 Startup Overvoltage Protection
 Enable/Shutdown
APPLICATIONS
 Motherboard Power Supplies
 AGP and PCI-Express Power Supplies
 Graphic-Card Power Supplies
 Set-Top Boxes
 Point-of-Load Power Supplies
Notes:
1)
Circuit can work up to about 10A over a wide input voltage range. This
EVB shows the performance at 12V input. So the frequency and current
limit are designed for the 12V application
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2905-K-01A EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.63”
(6.3cm x 6.3cm x 1.6cm)
Board Number
MPS IC Number
EV2905-K-01A
MP2905EK
Efficiency
VIN=12V, VOUT=1.2V
0
10
20
30
40
50
60
70
80
90
100
IOUT(A)
02468
10


Similar Part No. - MP2905EK

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2905EK MPS-MP2905EK Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
MP2905EK MPS-MP2905EK Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
More results

Similar Description - MP2905EK

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
logo
Monolithic Power System...
MP2905 MPS-MP2905 Datasheet
538Kb / 16P
3V-28V Input, Hysteretic Synchronous Step-Down Controller
EV2905EK-00A MPS-EV2905EK-00A Datasheet
258Kb / 5P
12A,3~28V,300kHz,Hysteretic Synchronous Step-Down Controller Evaluation Board
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
EV8714-LE-00A MPS-EV8714-LE-00A Datasheet
396Kb / 6P
High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com