Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3302DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3302DG
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3302DG Datasheet HTML 1Page - Monolithic Power Systems MP3302DG Datasheet HTML 2Page - Monolithic Power Systems MP3302DG Datasheet HTML 3Page - Monolithic Power Systems MP3302DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3302DG-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER
EV3302DG-00A Rev. 1.1
www.MonolithicPower.com
2
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP3302
SW
IN
FB
GND
EN
VIN
Bias
EN
GND
JP1
L1
LED+
LED-
4
2
1
5
6
EV3302DG-00A BILL OF MATERIALS
Qty
Ref
Value Description
Package Manufacturer
Part Number
2
C1,C2
4.7µF Ceramic Capacitor, 16V, X5R
0805
Murata
GRM21BR61C475KA88
1
C3
NS
Not Stuffed
1
C4
0.47µF Ceramic Capacitor, 25V, X7R
0805
Murata
GRM21BR71E474KA01L
1
D1
Diode Schottky, 30V, 1A
SMA
Diodes Inc
DFLS130L-F
1
L1
4.7µH Inductor
SMD
Cooper
SD10-4R7-R
10
LED1 to
LED10
NS
Not Stuffed
1
R1
1.10Ω Resistor, 1%
0805
Yageo
R0805FR-071R1L
1
R2
NS
Not Stuffed
1
U1
White Led Driver
QFN8
MPS
MP3302DG
1
CN1
Connector
JST
SM02B-BHSS-1-TB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com