Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3302DG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3302DG
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3302DG Datasheet HTML 1Page - Monolithic Power Systems MP3302DG Datasheet HTML 2Page - Monolithic Power Systems MP3302DG Datasheet HTML 3Page - Monolithic Power Systems MP3302DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3302DG-00A
1.3A Fixed Frequency White LED Driver
Evaluation Board
EV3302DG-00A Rev. 1.1
www.MonolithicPower.com
1
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3302DG-00A is an evaluation board for the
MP3302DG, a step-up converter designed for
driving up to 27 white LEDs from a single cell lithium
Ion battery. The EV board is optimized for the load
of 3 white LEDs in series, 9 strings panel.
The MP3302 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 208mV feedback voltage reduces
power loss and improves efficiency. The MP3302
monitors the output voltage and turns off the
converter if an over-voltage condition is present
due to an open circuit condition.
The MP3302 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP3302 is available in small 8-pin QFN
(2mm x 3mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3.3 – 6
V
Number of LEDs
27
FEATURES
• 3.3V to 6V Input Voltage Range
• Drives up to 27 White LEDs
• Up to 87% Efficiency
• Open Load Shutdown
• Fully Assembled and Tested
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3302DG-00A EVALUATION BOARD
(L x W x H) 1.8” x 1.8” x 0.4”
4.6cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV3302DG-00A
MP3302DG
7
95%
90%
85%
80%
75%
70%
34
5
6
INPUT VOLTAGE(V)
Efficiency vs
VIN


Similar Part No. - MP3302DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DD MPS-MP3302DD Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
MP3302DJ MPS-MP3302DJ Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DJ-LF-P MPS-MP3302DJ-LF-P Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DJ7 MPS-MP3302DJ7 Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3302DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com