Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3304CDD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3304CDD
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304CDD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3304CDD Datasheet HTML 1Page - Monolithic Power Systems MP3304CDD Datasheet HTML 2Page - Monolithic Power Systems MP3304CDD Datasheet HTML 3Page - Monolithic Power Systems MP3304CDD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3304DD-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER EVALUATION BOARD
EV3304DD-00A Rev. 1.0
www.MonolithicPower.com
2
6/14/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP3304
SW
IN
ISET
LED
PGND
GND
EN
VIN
Bias
EN
GND
C2
4.7uF
16V
C1
4.7uF
16V
L1
2uH
D1
B0530
C5
2.2uF
25V
LED+
LED-
C3
0.1uF
C4
NS
R4
NS
R3
1
1%
R2
0
R1
100
U1
JP1
5
8
7
6
2
1
3
EV3304DD-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1,
C2
4.7uF
Ceramic
Capacitor,16V,X5R
0805
muRata
GRM21BR61C475KA88
1
C3
0.1uF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C104KA01D
1
C4
NS
Not Stuffed
1
C5
2.2uF
Ceramic
Capacitor,25V,X7R
0805
muRata
GRM21BR71E225KA73L
1
D1
B0530
Diode Schottky
SOD-123
Diodes Inc.
B0530W
1
L1
2uH
Inductor 2.8A
D53LC
TOKO
D53LC-#A915AY-2R0M
1
R1
100Ω
5%
0603
Any
1
R2
0Ω
5%
0603
Any
1
R3
1Ω
1%
0805
Yageo
RC0805FR-071RL
1
R4
NS
Not Stuffed
1
U1
MP3304CDD MPS WLED Driver
QFN8(2x3mm)
MPS
MP3304CDD-LF-Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com