Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3304CDD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3304CDD
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304CDD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3304CDD Datasheet HTML 1Page - Monolithic Power Systems MP3304CDD Datasheet HTML 2Page - Monolithic Power Systems MP3304CDD Datasheet HTML 3Page - Monolithic Power Systems MP3304CDD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3304DD-00A
1.3A Fixed Frequency White LED Driver
Evaluation Board
EV3304DD-00A Rev. 1.0
www.MonolithicPower.com
1
6/14/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3304DD-00A is an evaluation board for the
MP3304CDD, a monolithic step-up converter
designed for driving arrays of WLEDs from 5V input
or a single cell Lithium Ion battery. The EV board is
optimized for the load of 3 white LEDs in series, 10
strings panel.
The MP3304 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 200mV feedback voltage reduces
power loss and improves efficiency.
The MP3304 features up to 50kHz true PWM
dimming, which allows the flexible control of the
backlighting luminance under wide range of the
ambient brightness, and also avoids
the
possibility of PWM dimming audible noise.
The MP3304 is turned off if an over-voltage
condition is present due to an open circuit
condition. MP3304 also includes under-voltage
lockout, current limiting and thermal overload
protection preventing damage in the event of an
output overload.
The MP3304 is available in small 8-pin QFN
(2mm x 3mm) package.
FEATURES
 5V Input Voltage Range
 Drives up to 30 White LEDs
 Up to 88% Efficiency
 Open Load Shutdown
 Fully Assembled and Tested
APPLICATIONS
 Cell Phones
 Handheld Computers and PDAs
 Digital Still Cameras
 Small LCD Displays
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5
V
# of WLEDs
30(3 in series, 10
strings paralleled)
LED Current
ILED
200
mA
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3304DD-00A EVALUATION BOARD
(L x W x H) 1.8” x 1.8” x 0.4”
4.6cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV3304DD-00A
MP3304CDD
VIN vs. Efficiency
50
60
70
80
90
100
3 3.5
4 4.5
5 5.5
6 6.5
VIN (V)


Similar Part No. - MP3304CDD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3304CDD MPS-MP3304CDD Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
More results

Similar Description - MP3304CDD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com