Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3310EQ
Description  1.3A Step-up White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3310EQ Datasheet HTML 1Page - Monolithic Power Systems MP3310EQ Datasheet HTML 2Page - Monolithic Power Systems MP3310EQ Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3310EQ-00A
1.3A Step-up White LED Driver
Evaluation Board
EV3310EQ-00A Rev. 1.0
www.MonolithicPower.com
1
1/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3310EQ-00A is an evaluation board for the
MP3310,
a
monolithic
step-up
converter
designed for driving arrays of WLEDs from a
wide input supply range. The EV board is
optimized for the load of 10 white LEDs in
series, 4 strings panel.
The
MP3310
uses
current
mode,
fixed
frequency architecture to regulate the LED
current to user programmed value set by an
external current setting resistor. The switching
frequency is also programmable with an
external resistor.
The MP3310 features true PWM dimming,
which allows the flexible control of the
backlighting luminance under wide range of the
ambient brightness.
The MP3310 is turned off if an over-voltage
condition is present due to an open circuit
condition. Use one external resistor voltage
divider to program OVP threshold. And it also
includes under-voltage lockout, current limiting
and thermal overload protection preventing
damage in the event of an output overload.
The MP3310 is available in small 10-pin QFN
3x3mm package.
FEATURES
• Wide 5V to 25V Operating Input Range
• Drives up to 12 Series White LEDs
• Up to 93% Efficiency
• True PWM Dimming
• Adjustable Switching Frequency
• Adjustable Open Load Shutdown Voltage
• Fully Assembled and Tested
APPLICATIONS
• LCD Panels
• Digital Picture Frames
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5~25
V
# of WLEDs
40(10 in series, 4
strings paralleled)
LED Current
ILED
80
mA
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3310EQ-00A EVALUATION BOARD
(L x W x H) 2.0” x 1.8” x 0.4”
5.0cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV3310EQ-00A
MP3310EQ
VIN vs. Efficiency
70
75
80
85
90
95
100
4
8
12
16
20
24
VIN(V)


Similar Part No. - MP3310EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310EQ MPS-MP3310EQ Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310EQ MPS-MP3310EQ Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
MP3310EQ-LF-P MPS-MP3310EQ-LF-P Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
MP3310EQ-LF-Z MPS-MP3310EQ-LF-Z Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
MP3310EQ-P MPS-MP3310EQ-P Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
More results

Similar Description - MP3310EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
Step-Down White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com