Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ Datasheet (PDF) - Monolithic Power Systems

MP3310EQ Datasheet PDF - Monolithic Power Systems
Part # MP3310EQ
Download  MP3310EQ Download
File Size   460.8 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 47V, 1.3A, Step-up White LED Driver with True PWM Dimming

MP3310EQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3310EQ Datasheet PDF - Monolithic Power Systems

Part # MP3310EQ
Download  MP3310EQ Click to download

File Size   460.8 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 47V, 1.3A, Step-up White LED Driver with True PWM Dimming

MP3310EQ Datasheet (HTML) - Monolithic Power Systems


MP3310EQ Product details

DESCRIPTION
The MP3310 is a monolithic step-up converter designed for driving arrays of WLEDs from a wide input supply range. The MP3310 uses current mode, fixed frequency architecture to regulate the LED current to user programmed value set by an external current setting resistor. The switching frequency is also programmable with an external resistor.
The MP3310 features true PWM dimming, which allows the flexible control of the backlighting luminance under wide range of the ambient brightness.
The MP3310 is turned off if an over-voltage condition is present due to an open circuit condition. Use one external resistor voltage divider to program OVP threshold. The MP3310 also includes under-voltage lockout, current limiting and thermal overload protection preventing damage in the event of an output overload.
The MP3310 is available in small 10-pin QFN 3x3mm package.

FEATURES
• Internal 0.3Ω Power MOSFET
• Wide 4.5V to 25V Operating Input Range
• Drives up to 12 Series White LEDs
• Up to 93% Efficiency
• True PWM Dimming
• Adjustable Switching Frequency
• Adjustable Open Load Shutdown Voltage
• Internal 1.3A Current Limit
• UVLO, Thermal Shutdown
• Available in 3mmx3mm QFN-10 Package

APPLICATIONS
• LCD Panels
• Digital Picture Frames
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays




Similar Part No. - MP3310EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310EQ MPS-MP3310EQ Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310EQ MPS-MP3310EQ Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Similar Description - MP3310EQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com