Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3310EQ
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3310EQ Datasheet HTML 1Page - Monolithic Power Systems MP3310EQ Datasheet HTML 2Page - Monolithic Power Systems MP3310EQ Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ Datasheet HTML 4Page - Monolithic Power Systems MP3310EQ Datasheet HTML 5Page - Monolithic Power Systems MP3310EQ Datasheet HTML 6Page - Monolithic Power Systems MP3310EQ Datasheet HTML 7Page - Monolithic Power Systems MP3310EQ Datasheet HTML 8Page - Monolithic Power Systems MP3310EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
2
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3310EQ
QFN-10 (3mmx3mm)
5R
-20
C to +85C
* For Tape & Reel, add suffix -Z (e.g. MP3310EQ-Z).
For RoHS Compliant Packaging, add suffix -LF (e.g. MP3310EQ-LF-Z).
PACKAGE REFERENCE
GND
VCC
COMP
VIN
LED
EN/DIM
3
4
5
FSET
1
2
8
7
6
10
9
ISET
OVP
SW
TOP VIEW
EXPOSED PAD
ON BACKSIDE
(Connect to GND)
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +30V
VSW, VLED .......................................-0.3V to +47V
All other pins ................................-0.3V to +6.3V
Continuous power dissipation (TA = 25°C) (2)
…………………………………………………2.5W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) .........................4.5V to 25V
Operating junction temp (TJ) .... -20°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-10 (3mmx3mm) .............50 ...... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com