Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310EQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3310EQ
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310EQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3310EQ Datasheet HTML 1Page - Monolithic Power Systems MP3310EQ Datasheet HTML 2Page - Monolithic Power Systems MP3310EQ Datasheet HTML 3Page - Monolithic Power Systems MP3310EQ Datasheet HTML 4Page - Monolithic Power Systems MP3310EQ Datasheet HTML 5Page - Monolithic Power Systems MP3310EQ Datasheet HTML 6Page - Monolithic Power Systems MP3310EQ Datasheet HTML 7Page - Monolithic Power Systems MP3310EQ Datasheet HTML 8Page - Monolithic Power Systems MP3310EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
4
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
OVP
Open Load Protection Programming Pin. Connect a resistor divider from output to this
pin to program the OVP threshold. When this pin voltage reaches the shutdown
threshold 1.24V, the switch will be turned off and latch up until the IC is turned off and
enabled again.
2
ISET
LED Current Set. Tie a current setting resistor from this pin to ground to program the
whole LED current.
3
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the regulation
control loop. Connect a capacitor or a series RC network from COMP to GND.
4
LED
LED Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED cathode to this pin. With internal 500mV
reference, the current flows into LED pin should be less than 120mA for normal
operation.
5
GND,
Exposed Pad
Ground. Connect exposed pad to GND plane for proper thermal performance.
6
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW.
7
EN/DIM
ON/OFF Control and Dimming Command Input. To use PWM dimming, add a 200Hz to
2kHz square wave signal to this pin.
8
VIN
Input Supply Pin. Must be locally bypassed.
9
VCC
The Internal 5V Linear Regulator Output. VCC provides power supply for the internal
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor. If VIN is less than 5.5V, apply an external 5V supply directly on VCC.
10
FSET
Switching Frequency Programming Pin. Connect a resistor to ground to set the switching
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com