Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3312
Description  Dual-Channel White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3312 Datasheet HTML 1Page - Monolithic Power Systems MP3312 Datasheet HTML 2Page - Monolithic Power Systems MP3312 Datasheet HTML 3Page - Monolithic Power Systems MP3312 Datasheet HTML 4Page - Monolithic Power Systems MP3312 Datasheet HTML 5Page - Monolithic Power Systems MP3312 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV3312-C-00A—DUAL-CHANNEL WHITE LED DRIVER
EV3312-C-00A Rev.1.0
www.MonolithicPower.com
3
3/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV3312-C-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufactuer_P/N
1
C1
1μF
Ceramic Capacitor;
25V;X7R;0805
0805
Murata
GRM21BR71E105KA99L
1
C2
1μF
Ceramic
Capacitor;50V;X7R
1206
Murata
GRM31MR71H105KA88L
1
C3
1μF
Ceramic Capacitor;
6.3V;X7R
0603
Murata
GRM188R70J105KA01D
1
C4
NC
CAP/0603
1
C5
330nF
Ceramic Capacitor;
16V;X7R;0603
0603
TDK
C1608X7R1C334K
1
D1
B140
Schottky Diode;40V;1A;
SMA
Diodes
B140-13-F
1
L1
4.7μH/
1.87A
Inductor;4.7μH; 45m;1.87A
SMD
TOKO
D53LC-#A915AY-
4R7M=P3
1
R1
10
Film Resistor;1%;
0603
Yageo
RC0603FR-0710RL
3
R2,
R3,
R5
0
Film Resistor;5%;
0603
Yageo
RC0603JR-070RL
1
R4
63.4k
Film Resistor;1%
0603
Yageo
RC0603FR-0763K4L
2
R6,
R7
10k
Film Resistor;1%;
0603
Yageo
RC0603FR-0710KL
1
U1
MP3312
WLCSP
1.3*1.3
MPS
8
TP1,
TP2.
TP3,
TP4,
TP5,
TP6,
TP7,
TP8
VIN,
EN,
GND,
AGND,
PWM,
LED+,
LED1, LED2
Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com