Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3312
Description  Dual-Channel White LED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3312 Datasheet HTML 1Page - Monolithic Power Systems MP3312 Datasheet HTML 2Page - Monolithic Power Systems MP3312 Datasheet HTML 3Page - Monolithic Power Systems MP3312 Datasheet HTML 4Page - Monolithic Power Systems MP3312 Datasheet HTML 5Page - Monolithic Power Systems MP3312 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3312-C-00A
Dual-Channel White LED Driver
Evaluation Board
EV3312-C-00A Rev.1.0
www.MonolithicPower.com
1
3/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3312 is a dual-channel step-up WLED
driver with integrated 40V MOSFET, and
supports 2.7V to 5.5V power supply input. It
uses peak current mode to regulate the LED
current which is set by external resistor.
The MP3312 employs 1.2MHz fixed switching
frequency. It features supporting both PWM
input analog dimming and digital analog
dimming to accurately regulate the dimming
current.
The MP3312 integrates current source to
balance LED current, which leads good ILED
matching and accuracy performance.
In addition, the MP3312 has LED open and
short protection, cycle by cycle current limit
protection, and thermal shutdown protection. It
is available in tiny WLCSP1.3X 1.3-9 package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7 – 5.5
V
Output Voltage
VLED
<35
V
LED String
2
string
LED Current
ILED
20/string
mA
FEATURES
• 2.7V~5.5V Input Voltage
• 1.2MHz Switching Frequency
• Dual Channels Support up to 30mA/String
• 1%
Current
Matching
Between
LED
Channels
• +/-2% Current Accuracy
• 38V OVP Protection
• PWM Input Analog Dimming Mode
• 5kHz to100kHz PWM Input Analog Dimming
• 100:1 Dimming Ratio
• 1-Wire Interface for Digital Dimming
• 9-bit Dimming Resolution
• Internal Soft Start to Reduce Inrush Current
• Available in WLCSP1.3X1.3-9 Package
APPLICATIONS
• Feature Phone and Smart Phones
• Tablets
• GPS Receivers
• <10 inch LCD video displays with one-cell
Li-ion battery
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3312 MPS-MP3312 Datasheet
416Kb / 15P
2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
logo
Schneider Electric
MP33125 SCHNEIDER-MP33125 Datasheet
112Kb / 2P
MP Meter Pak, main lugs, three ringed sockets, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
logo
Monolithic Power System...
MP3312GC MPS-MP3312GC Datasheet
416Kb / 15P
2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
More results

Similar Description - MP3312

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
Step-Down White LED Driver Evaluation Board
EV24895-J-00A MPS-EV24895-J-00A Datasheet
149Kb / 4P
Step-Down White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com