Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A Flash LED Driver With I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3331GC Datasheet HTML 1Page - Monolithic Power Systems MP3331GC Datasheet HTML 2Page - Monolithic Power Systems MP3331GC Datasheet HTML 3Page - Monolithic Power Systems MP3331GC Datasheet HTML 4Page - Monolithic Power Systems MP3331GC Datasheet HTML 5Page - Monolithic Power Systems MP3331GC Datasheet HTML 6Page - Monolithic Power Systems MP3331GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV3331-C-00A- 2A SYNCHRONOUS BOOST FLASH LED DRIVER WITH I
2C INTERFACE
EV3331-C-00A Rev.1.0
www.MonolithicPower.com
3
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3331-C-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
10μF
Ceramic Capacitor;
10V;X5R;0805;
muRata
GRM21BR61A106KE19L
1
C2
10μF
'Ceramic Capacitor;
10V;X7R;1206;
muRata
GRM31CR71C106KAC7L
1
C3
NC
CAP/0603
1
L1
1.1μH
/3.46A
Inductor;1.1uH;20m;3.46A
TOKO
D53LC-#A915AY-1R1M
2
R1, R2
NC
RES/0603
2
R3, R4
100k
Resistor;5%;;
Yageo
RC0603JR-07100RL
1
R5
0
Film Resistor;5%;
Yageo
RC0603JR-070RL
1
TP1
VIN
TP
2
TP2,
TP9
GND
TP
1
TP3
SDA
TP
1
TP4
GND
TP
1
TP5
SCL
TP
1
TP6
STR
TP
1
TP7
TOR/TX TP
1
TP8
LED+
TP
1
TP10
VOUT
TP
1
U1
WLCSP9/1.65X1.65mm
MPS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com