Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3331GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3331GC
Description  2A Flash LED Driver With I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3331GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3331GC Datasheet HTML 1Page - Monolithic Power Systems MP3331GC Datasheet HTML 2Page - Monolithic Power Systems MP3331GC Datasheet HTML 3Page - Monolithic Power Systems MP3331GC Datasheet HTML 4Page - Monolithic Power Systems MP3331GC Datasheet HTML 5Page - Monolithic Power Systems MP3331GC Datasheet HTML 6Page - Monolithic Power Systems MP3331GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3331-C-00A
2A Flash LED Driver With I
2C Interface
Evaluation Board
EV3331-C-00A Rev.1.0
www.MonolithicPower.com
1
5/19/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3331 is a single 2A flash LED driver with
very compact package, high efficiency for high-
resolution camera phones to improve image and
video quality in low light environment. The device
operates in 1/2/3/4MHz synchronous DCDC
boost converter to provide an optimized solution
for smaller PCB space and higher efficiency.
The MP3331 features standard I2C interface,
single LED channel, rich protection modes and
high power density and performances. It
supports flash/assist light/torch/indicator/5V DC
modes.
The cathode of the flash LED is referenced to
GND which is better for layout to improve thermal
performance. It is available in WLCSP9-
1.7X1.7mm package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7-5.5
V
Output Voltage
Vout
<5.5
V
LEDs #
1
LED Current
ILED
Max.2
A
FEATURES
• 2.7V~5.5V input voltage
• 1/2/3/4MHz selectable switching frequency
• Switching frequency fold-back function
• 400kHz I2C compatible interface
• Standby/Flash/Assist/Torch/Indicator/5V DC
mode
Flash Mode:
Up to 2A programmable current with +/-7%
accuracy
Assist/Torch Mode:
Up to 508mA programmable current with +/-
7% accuracy
Indicator Mode:
Work in 31.5kHz PWM dimming mode with
2/16, 3/16, 4/16, 5/16 duty cycle
5V DC Mode:
Fixed 5V Output Voltage
• External Torch/Strobe Pin
• Low battery voltage protection
• Pre-flash for auto detect load condition
• LED short/open protection
• VOUT-GND short protection
• Over voltage protection
• Input to output disconnection protection
• Over temperature protection
• Input under voltage lockout protection
• Thermal protection
• Available in WLCSP9-1.7X1.7mm
APPLICATIONS
•
Displays Camera Phone LED Flash
•
Tablets
•
Digital Still Camera
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3331GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3331GC MPS-MP3331GC Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
More results

Similar Description - MP3331GC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
Compact, 6-channel LED Driver Board with I2C Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
EV3336-C-00A MPS-EV3336-C-00A Datasheet
330Kb / 7P
Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com