Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3332GC Datasheet HTML 1Page - Monolithic Power Systems MP3332GC Datasheet HTML 2Page - Monolithic Power Systems MP3332GC Datasheet HTML 3Page - Monolithic Power Systems MP3332GC Datasheet HTML 4Page - Monolithic Power Systems MP3332GC Datasheet HTML 5Page - Monolithic Power Systems MP3332GC Datasheet HTML 6Page - Monolithic Power Systems MP3332GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV3332-C-00A-DUAL CHANNEL, 1.5A/CH FLASH LED DRIVER WITH I
2C INTERFACE
EV3332-C-00A Rev.1.0
www.MonolithicPower.com
2
8/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3332-C-00A EVALUATION BOARD
(L x W x H) 5.0cm x 4.6cm x 3.0cm
Board Number
MPS IC Number
EV3332-C-00A
MP3332GC
EVALUATION BOARD SCHEMATIC
1
2
1.2uH /4.3A
L1
NC
R1
0
R5
10uF
C1
NC
C3
1
VLED1
1
VLED2
1
PGND
NC
R2
10uF
C2
100k
R3
100k
R4
0
R6
0
R7
NC
C4
NC
R8
AG ND
AG ND
1
SCL
1
GND
1
SDA
1
STR
1
TOR
1
TX
1
VIN
1
VOUT
1
PGND
AG ND
TX
C2
TO R
C1
NTC
D1
LED 2
B1
LED 1
A1
VIN
D4
VOUT
STR
C3
SD A
D2
SCL
D3
VOUT
A2 B2
U1
MP 3332



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com