Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3332GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3332GC
Description  Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3332GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3332GC Datasheet HTML 1Page - Monolithic Power Systems MP3332GC Datasheet HTML 2Page - Monolithic Power Systems MP3332GC Datasheet HTML 3Page - Monolithic Power Systems MP3332GC Datasheet HTML 4Page - Monolithic Power Systems MP3332GC Datasheet HTML 5Page - Monolithic Power Systems MP3332GC Datasheet HTML 6Page - Monolithic Power Systems MP3332GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3332-C-00A
Dual channel, 1.5A/Ch Flash LED Driver
With I
2C Interface
Evaluation Board
EV3332-C-00A Rev.1.0
www.MonolithicPower.com
1
8/14/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3332 is a dual-channels flash LED driver
with very compact package, high efficiency for
high-resolution camera phones to improve image
and video quality in low light environment. The
synchronous
boost
converter
operates
in
1/2/3/4MHz to provide an optimized solution for
smaller PCB space and higher efficiency.
The MP3332 features standard I
2C interface,
dual LED channels, rich protection modes and
high power density and performances. The
MP3332
supports
flash/assist
light/torch/indicator/5V DC modes.
The cathodes of the dual flash LED are
referenced to GND for better layout to improve
thermal performance. It is available in WLCSP16-
1.65X1.65mm package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7-5.5
V
Output Voltage
Vout
<5.5
V
LED channel
2
LED Current/Ch
ILED
1500
mA
FEATURES
• 2.7V~5.5V input voltage
• Dual-channels, 1.5A/ch flash current with
+/-7% accuracy
• 1/2/3/4MHz selectable switching frequency
and switching frequency fold-back function
• 400kHz I2C compatible interface
• Standby/Flash/Assist/Torch/Indicator/5V DC
modes
Flash Mode:
Up to 1.5A programmable current with +/-
7% accuracy for each LED
Assist/Torch Mode:
Up to 500mA/ch programmable current with
+/-7% accuracy
Indicator Mode:
Work in 31.5kHz PWM operation with 2/16,
3/16, 4/16, 5/16 duty cycle
128ms/256ms/512ms
selectable
blinking
time
5V DC Mode:
Constant 5V DC Output
• External Torch/Strobe Pin
• LED forward voltage balance to improve
efficiency
• 1A to 4.2A programmable input DC current
limit protection
• Low battery voltage protection
• LED short/open protection
• Over voltage protection
• Over temperature protection
• Input under voltage lockout protection
• Available in WLCSP16-1.65X1.65mm
APPLICATIONS
•
LED Flash Application For Smart Phone
• Camera For Tablets
• Digital Still Camera
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3332GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3332GC MPS-MP3332GC Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
More results

Similar Description - MP3332GC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
Compact, 6-channel LED Driver Board with I2C Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
EV3336-C-00A MPS-EV3336-C-00A Datasheet
330Kb / 7P
Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com