Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3336GC Datasheet HTML 1Page - Monolithic Power Systems MP3336GC Datasheet HTML 2Page - Monolithic Power Systems MP3336GC Datasheet HTML 3Page - Monolithic Power Systems MP3336GC Datasheet HTML 4Page - Monolithic Power Systems MP3336GC Datasheet HTML 5Page - Monolithic Power Systems MP3336GC Datasheet HTML 6Page - Monolithic Power Systems MP3336GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV3336-C-00A- DUAL-CHANNEL FLASH LED DIRVER WITH I
2C INTERFACE
EV3366-C-00A Rev.1.0
www.MonolithicPower.com
2
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV3336-C-00A EVALUATION BOARD
(L x W x H) 5.5cm x 5.5cm x 1cm
Board Number
MPS IC Number
EV3336-C-00A
MP3336GC
EVALUATION BOARD SCHEMATIC
TX
E4
ENABLE
D3
LED1
A4
LED2
C4
IN
D1
SW
A2
STROBE E3
TORCH C2
SDA E2
SCL D2
PGND
A1
PGND
B1
TEMP E1
LED1
B4
LED2
D4
SW
B2
OUT
A3
OUT
B3
OUT
C3
AGND
C1
U1
MP3336
1
2
1.1uH/3.5A
L1
1
VIN
10uF
C2
PGND
0
R1
AGND
PGND
10uF
C4
1
VOUT
1
LED1
1
LED2
AGND
VIN
VIN
AGND
NC
R2
NC
R3
3.3V
NC
R5
NC
R4
1
TEMP
PGND
NTC resistor
NC
C1
1
GND
1
GND
PGND
AGND
NC
C3
PGND
1
GND
1
TOR
1
STR
1
TX
1
VIN
1
IN
1
ENABLE
1
GND
1
3.3V
1
SCL
1
GND
1
SDA
0
R6
0
R7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com