Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel Flash LED Driver With 2A/Ch and I2C Interface Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3336GC Datasheet HTML 1Page - Monolithic Power Systems MP3336GC Datasheet HTML 2Page - Monolithic Power Systems MP3336GC Datasheet HTML 3Page - Monolithic Power Systems MP3336GC Datasheet HTML 4Page - Monolithic Power Systems MP3336GC Datasheet HTML 5Page - Monolithic Power Systems MP3336GC Datasheet HTML 6Page - Monolithic Power Systems MP3336GC Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3336-C-00A
Dual-Channel Flash LED Driver
With 2A/Ch and I
2C Interface
Evaluation Board
EV3366-C-00A Rev.1.0
www.MonolithicPower.com
1
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3336 is a dual-channel and high-power
flash LED driver with very compact package. It
can drive up to 2A in flash mode for each LED.
It is usually applied for camera phones to
improve image and video quality in low light
environment.
The
device
operates
in1/2/3/4MHz synchronous, current-mode PWM
boost converter to regulate the LED current with
two high current source. The MP3336 provides
an optimized solution for smaller PCB space
and higher efficiency.
The MP3336 features standard I2C interface,
dual LED channels, rich protection modes and
high power density and performances. It
supports
flash/assist/torch/indicator/5V
DC
modes.
The cathodes of the dual flash LED are
referenced to GND, which is better for layout to
improve thermal performance. It is available in
WLCSP20-1.6X2.0mm package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7-5.5
V
Output Voltage
Vout
<5.5
V
LEDs #
2
LED Current/Ch
ILED
Max.2
A
FEATURES
 2.7V~5.5V Input Voltage
 1/2/3/4MHz
Selectable
Max
Switching
Frequency
 Switching Frequency Fold-Back Function
 400kHz I2C Compatible Interface
 Standby/Flash/Assist/Torch/Indicator/5V DC
Modes
Flash Mode:
Up to 2A/Ch Programmable Current with +/-
7% Accuracy for Each LED, 7.84mA/Step
Assist/Torch Mode:
Up to 319mA/Ch Programmable Current
with +/-7% Accuracy for Each LED,
1.25mA/Step
Indicator Mode:
Work In 31.5kHz PWM Dimming Mode With
2/16, 3/16, 4/16, 5/16 Duty Cycle
Used for Blinking and 128/256/512ms
Selectable Blinking Time
5V DC Mode:
Output Constant 5V DC Voltage
 1A to 4.2A Programmable Input DC Current
Limit Protection
 External Torch/Strobe/TX Pin
 LED Forward Voltage Balance to Improve
Efficiency
 VIN to VOUT Disconnection Function
 Low Battery Voltage Protection
 LED Short/Open Protection
 VOUT-GND Short Protection
 Over Voltage Protection
 Over Temperature Protection
 Input Under Voltage Lockout Protection
 Available In WLCSP20-1.6X2.0mm
APPLICATIONS
 Smart Phone Flash LED Application
 Cameras for Tablet
 Digital Still Camera
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3336GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3336GC MPS-MP3336GC Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
More results

Similar Description - MP3336GC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
Compact, 6-channel LED Driver Board with I2C Interface
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
EV3332-C-00A MPS-EV3332-C-00A Datasheet
664Kb / 7P
Dual channel, 1.5A/Ch Flash LED Driver With I2C Interface Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com