Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3352DQ
Description  Integrated Photo Flash Charger IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV3352DQ-00A – INTEGRATED PHOTO FLASH CHARGER IGBT DRIVER EV BOARD
EV3352DQ-00A Rev. 1.0
www.MonolithicPower.com
2
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP1300DT
PIC 12F675
U2 NS
U1
U3
MP3352
VIN
SW
SW
FB
ISET
IGBTOUT
IGBTIN
NC NC
PGND
PGND
CHARGE
QREF
QSNS
GND
NC
VDD
VSS
GP0
GP1
GP2
CLKIN
CLKOUT
VPP
SUB
NEG
POS
NC
AGND
RDYB
TP10
TP16
QSNS
TP18
IGBTIN
TP14
JP4
JP1
TP_CLKOUT
Control Circuit
CHAG
TP19
QREF
TP17
RDYB
TP15
VCC
TP13
TP8
Xenon Flash
TP6
TP7
TP9
TP_GP1
TP_GP0
JP2
JP3
GND
VCC
VCC
VDD
VDD
VIN
TP12
VIN
TP11
C14
NS
C3
NS
D3
4.7V
SW1
FLASH
ENABLE
SW2
D2
600V/1A
C8
NS
Q1
Q2
R14
NS
T1A
D1
BAV23S
T1
TP_CLKOUT
VPP
TP1
VDD
TP2
GND
TP3
GP0
TP4
GP1
TP5
TP_VPP
TP_GP2
0
1
SW3
612
13
16
1
5
14
8
7
9
15
3
4
2
10
11
1
2
3
4
5
6
7
8
43
2
51



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com