Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3352DQ
Description  Integrated Photo Flash Charger IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3352DQ-00A
Integrated Photo Flash Charger
IGBT Driver EV Board
EV3352DQ-00A Rev. 1.0
www.MonolithicPower.com
1
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3352DQ-00A is an evaluation board for
the MP3352, a fast, highly efficient and
precision high voltage photo-flash charger for
xenon flash applications.
The programmable peak current is up to 2.5A to
ensure fast charging time.
200mΩ internal
power switch minimizes the conduction loss.
55V maximum SW operating voltage lowers
transformer turns ratio and switching loss
associated with the primary leakage inductance.
The
board
offers
charge-ready
indicator,
quench function, flash mode, red-eye reduction
+ flash mode.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3 – 8
V
Supply voltage
VCC
3 – 6
V
Peak charge current
IPEAK
2.5
A
Charge voltage
VOUT
300
V
FEATURES
• Programmable Peak Current Up to 2.5A
• 3% Charge Accuracy
• Quench Function
• Charge-ready Indicator
• Microcontroller Controlled On/Off, Flash or
Red Eye Reduction + Flash Mode
• Integrated IGBT Driver
APPLICATIONS
•
Digital Still Cameras
•
Optical Film Cameras
•
Mobile Phones With Camera
•
PDAs With Camera
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3352DQ-00A EVALUATION BOARD
(L x W x H) 2.9” x 2.9” x 0.5”
(7.5cm x 7.5cm x 1.2cm)
Board Number
MPS IC Number
EV3352DQ-00A
MP3352DQ


Similar Part No. - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3352DQ MPS-MP3352DQ Datasheet
440Kb / 9P
60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
More results

Similar Description - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
EV3351DQ-00A MPS-EV3351DQ-00A Datasheet
265Kb / 6P
Integrated Photo Flash Charger IGBT Driver EV Board
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
Integrated Photo Flash Charger IGBT Driver EV Board
EV3360DG-00A MPS-EV3360DG-00A Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
EV3361DK-00A MPS-EV3361DK-00A Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com