Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4624 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 9Page - Linear Technology LTM4624 Datasheet HTML 10Page - Linear Technology LTM4624 Datasheet HTML 11Page - Linear Technology LTM4624 Datasheet HTML 12Page - Linear Technology LTM4624 Datasheet HTML 13Page - Linear Technology LTM4624 Datasheet HTML 14Page - Linear Technology LTM4624 Datasheet HTML 15Page - Linear Technology LTM4624 Datasheet HTML 16Page - Linear Technology LTM4624 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM4624
13
4624fd
For more information www.linear.com/LTM4624
APPLICATIONS INFORMATION
RUN Enable
Pulling the RUN pin to ground forces the LTM4624 into
its shutdown state, turning off both power MOSFETs and
most of its internal control circuitry. Bringing the RUN pin
above 0.7V turns on the internal reference only, while still
keeping the power MOSFETs off. Increasing the RUN pin
voltage above 1.25V will turn on the entire chip.
Pre-Biased Output Start-Up
There may be situations that require the power supply to
start up with some charge on the output capacitors. The
LTM4624 can safely power up into a pre-biased output
without discharging it.
The LTM4624 accomplishes this by forcing discontinuous
mode (DCM) operation until the TRACK/SS pin voltage
reaches 0.6V reference voltage. This will prevent the BG
from turning on during the pre-biased output start-up
which would discharge the output.
Do not pre-bias LTM4624 with an output voltage above
INTVCC voltage (3.3V) or set voltage by FB resistor which-
ever is lower.
Overtemperature Protection
Theinternalovertemperatureprotectionmonitorsthejunc-
tiontemperatureofthemodule.Ifthejunctiontemperature
reachesapproximately160°C,bothpowerswitcheswillbe
turned off until the temperature drops about 15°C cooler.
Low Input Application
The LTM4624 module has a separate SVIN pin which
makes it suitable for low input voltage applications down
to 2.375V. The SVIN pin is the single input of the whole
control circuitry while the VIN pin is the power input which
directly connects to the drain of the top MOSFET. In most
applications where VIN is greater than 4V, connect SVIN
directly to VIN with a short trace. An optional filter, con-
sisting of a resistor (1Ω to 10Ω) between SVIN and VIN
along with a 0.1µF bypass capacitor between SVIN and
ground, can be placed for additional noise immunity. This
filter is not necessary in most cases if good PCB layout
practices are followed (see Figure 19). In a low input
voltage (2.375V to 4V) application, or to reduce power
dissipation by the internal bias LDO, connect SVIN to an
external voltage higher than 4V with a 0.1µF local bypass
capacitor. Figure 21 shows an example of a low input
voltage application. Please note the SVIN voltage cannot
go below the VOUT voltage.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD 51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients is
found in JESD 51-12 (Guidelines for Reporting and Using
Electronic Package Thermal Information).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the µModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are, in and of themselves, not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in this data sheet can be used
in a manner that yields insight and guidance pertaining to
one’s application usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD 51-12; these coefficients
are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted
to a 95mm × 76mm PCB with four layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com