Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4624 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 17Page - Linear Technology LTM4624 Datasheet HTML 18Page - Linear Technology LTM4624 Datasheet HTML 19Page - Linear Technology LTM4624 Datasheet HTML 20Page - Linear Technology LTM4624 Datasheet HTML 21Page - Linear Technology LTM4624 Datasheet HTML 22Page - Linear Technology LTM4624 Datasheet HTML 23Page - Linear Technology LTM4624 Datasheet HTML 24Page - Linear Technology LTM4624 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM4624
21
4624fd
For more information www.linear.com/LTM4624
APPLICATIONS INFORMATION
Figure 20. 4VIN to 14VIN, 1.5V Output at 4A Design
Figure 21. 2.375VIN to 5VIN, 1V Output with 2MHz Operating Frequency
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
LTM4624
FREQ
VOUT
10µF
16V
47µF
6.3V
VIN
4V TO 14V
VOUT
1.5V
4A
FB
COMP
GND
40.2k
SGND
4624 F20
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
LTM4624
FREQ
162k
5V
VOUT
10µF
16V
1µF
6.3V
47µF
6.3V
VIN
2.375V TO 5V
VOUT
1V
4A
FB
COMP
GND
90.9k
SGND
4624 F21
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com