Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2987 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM2987 Datasheet HTML 9Page - Linear Technology LTM2987 Datasheet HTML 10Page - Linear Technology LTM2987 Datasheet HTML 11Page - Linear Technology LTM2987 Datasheet HTML 12Page - Linear Technology LTM2987 Datasheet HTML 13Page - Linear Technology LTM2987 Datasheet HTML 14Page - Linear Technology LTM2987 Datasheet HTML 15Page - Linear Technology LTM2987 Datasheet HTML 16Page - Linear Technology LTM2987 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
dc2023afa
DEMO MANUAL DC2023A
setup proceDure for multi-BoarD arrays
Procedure:
1. Stack the boards side-by-side by plugging JP1 of one
board into JP2 of another DC2023A board.
2. Ensure different slave address settings for each of the
boards. The address of each board is set by the DIP
switch JP3 on the backside of the board. The setting
must be unique for each board in the array.
3. Plug in the +12V VIN power into one of the boards as
shown in Figure 12. Only one +12V power source is
allowed.
4. The USB to I2C/SMBus/PMBus Controller may be
plugged into any board. If no LTM2987s show up in
the GUI, click the hourglass icon to enumerate the I2C
bus and find the addresses of the parts. Go to step 2 to
ensure that each board has a unique DIP switch setting.
5. Since the individual CONTROL lines are connected
across the boards (CTRL is a common signal across
all boards in the array), make sure that all CONTROL
switches are set to the RUN position.
6. Relaunch LTpowerPlay. It will enumerate the entire
board array and build a representative system tree and
read all hardware settings into the GUI.
Attention: Once the GUI has launched, click the
“RAM->NVM”buttoninthetoolbartoensurethattheslave
addressesareretainedafterapowerofforreset.
Otherwise you may lose communication with
the slaves after a power cycle or reset event.
Figure 12. Array of Multiple DC2023A Demo Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com