Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2987 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM2987
Description  16-Channel Power Supply System Featuring the LTM2987 Power System Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2987 Datasheet(HTML) 2 Page - Linear Technology

  LTM2987 Datasheet HTML 1Page - Linear Technology LTM2987 Datasheet HTML 2Page - Linear Technology LTM2987 Datasheet HTML 3Page - Linear Technology LTM2987 Datasheet HTML 4Page - Linear Technology LTM2987 Datasheet HTML 5Page - Linear Technology LTM2987 Datasheet HTML 6Page - Linear Technology LTM2987 Datasheet HTML 7Page - Linear Technology LTM2987 Datasheet HTML 8Page - Linear Technology LTM2987 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
dc2023afa
DEMO MANUAL DC2023A
performance summary
Glossary of terms
Specifications are at TA = 25°C
POWER SUPPLY CHANNEL
CH(0:7)
CH(8:15)
Manager
1/2 LTM2987
1/2 LTM2987
Nominal Untrimmed Output Voltages
1.0V, 1.1V, 1.2V, 1.3V, 1.4V, 1.5V, 1.7V, 1.8V
2.0V, 2.2V, 2.5V, 2.7V, 3.0V, 3.1V, 3.2V, 3.3V
Rated Output Current
0.3A
Default Margin Range
±5%
Output Trim Range (VFS_VDAC = 1.38V)
+13/–19 %
+11/–15%
Temperature
2 Internal
Common Characteristics—Specifications Valid Over Full Operating Temperature Range
PARAMETER
CONDITIONS
VALUE
MIN
TYP
MAX
UNITS
Supply Input Voltage Range
6
14
V
ADC Total Unadjusted Error
VIN_ADC ≥ 1V
±0.25
%
ADC Voltage Sensing Input Range
Differential Voltage: VIN_ADC = (VSENSEP[n] – VSENSEM[n])
0
6
V
The following list contain terms used throughout the
document.
Channel – The collection of functions that monitor, su-
pervise, and trim a given power supply rail.
EEPROM – Non-volatile memory (NVM) storage used to
retain data after power is removed.
Margin – Term used typically in board level testing that
increases/decreases the output voltage to look for sensi-
tivity/marginality problems
Monitor – The act of measuring voltage, current and
temperature readings.
NVM – Non-volatile memory, see EEPROM.
PMBus–Anindustrystandardpower-managementproto-
col with a fully defined command language that facilitates
communication with power converters and other devices
in a power system.
Rail – The final output voltage that the power supply
controller manages.
Supervise – The act of quickly responding to a voltage,
current, temperature condition that is compared to pre-
programmed values (fault settings).
Trim – The act of adjusting the final output voltage. A
servo loop is typically used to trim the voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com