Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622A Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4622A
Description  Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622A Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4622A Datasheet HTML 17Page - Linear Technology LTM4622A Datasheet HTML 18Page - Linear Technology LTM4622A Datasheet HTML 19Page - Linear Technology LTM4622A Datasheet HTML 20Page - Linear Technology LTM4622A Datasheet HTML 21Page - Linear Technology LTM4622A Datasheet HTML 22Page - Linear Technology LTM4622A Datasheet HTML 23Page - Linear Technology LTM4622A Datasheet HTML 24Page - Linear Technology LTM4622A Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM4622A
21
Rev B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure  24 and Figure  25 show measured temperature
picture of the LTM4622A with no heat sink from 12V
input down to 3.3V and 5V output with 2A DC current on
each and from 12V down to 5V and 8V output with 2A
DC current on each. Both without heat sink and airflow.
SAFETY CONSIDERATIONS
The LTM4622A modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support thermal
shutdown and over current protection.
and without airflow. The derived thermal resistances in
Tables 2 to 6 for the various conditions can be multiplied
by the calculated power loss as a function of ambient
temperature to derive temperature rise above ambient,
thus maximum junction temperature. Room temperature
power loss can be derived from the efficiency curves in
the Typical Performance Characteristics section and ad-
justed with the above ambient temperature multiplicative
factors. The printed circuit board is a 1.6mm thick four
layer board with two ounce copper for the two outer layers
and one ounce copper for the two inner layers. The PCB
dimensions are 95mm × 76mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com