Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4622A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4622A
Description  Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622A Datasheet(HTML) 4 Page - Linear Technology

  LTM4622A Datasheet HTML 1Page - Linear Technology LTM4622A Datasheet HTML 2Page - Linear Technology LTM4622A Datasheet HTML 3Page - Linear Technology LTM4622A Datasheet HTML 4Page - Linear Technology LTM4622A Datasheet HTML 5Page - Linear Technology LTM4622A Datasheet HTML 6Page - Linear Technology LTM4622A Datasheet HTML 7Page - Linear Technology LTM4622A Datasheet HTML 8Page - Linear Technology LTM4622A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTM4622A
4
Rev B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4622A is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4622AE is guaranteed to meet performance
specifications over the 0°C to 125°C internal operating temperature
range. Specifications over the full –40°C to 125°C internal operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4622AI is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0mA to 50mA
1.3
%
fOSC
Oscillator Frequency
1
MHz
fSYNC
Frequency Sync Range
With Respect to Set Frequency
±30
%
IMODE
MODE Input Current
MODE = INTVCC
–1.5
µA
Note 3: See output current derating curves for different VIN, VOUT and TA.
Note 4: 100% tested at wafer level.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel at TA = 25°C, VIN1 = VIN2 = 12V, unless otherwise
noted per the typical application shown in Figure 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com