Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40109BEY Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF40109BEY
Description  QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40109BEY Datasheet(HTML) 2 Page - STMicroelectronics

  HCF40109BEY Datasheet HTML 1Page - STMicroelectronics HCF40109BEY Datasheet HTML 2Page - STMicroelectronics HCF40109BEY Datasheet HTML 3Page - STMicroelectronics HCF40109BEY Datasheet HTML 4Page - STMicroelectronics HCF40109BEY Datasheet HTML 5Page - STMicroelectronics HCF40109BEY Datasheet HTML 6Page - STMicroelectronics HCF40109BEY Datasheet HTML 7Page - STMicroelectronics HCF40109BEY Datasheet HTML 8Page - STMicroelectronics HCF40109BEY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF40109B
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
3, 6, 10, 14
A, B, C, D
Low Input Voltage
4, 5, 11, 13
E, F, G, H
High Input Voltage
2, 7, 9, 15
ENABLE A,
B, C, D
Enable Input
12
NC
Not Connected
1
VCC
Low Supply Voltage
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
MODE
INPUTS
OUTPUT
A, B, C, D
Enable
A, B, C, D
E, F, G, H
Low to High
Level Shift
LHL
HHH
XL
Z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com