Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40109BEY Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF40109BEY
Description  QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40109BEY Datasheet(HTML) 5 Page - STMicroelectronics

  HCF40109BEY Datasheet HTML 1Page - STMicroelectronics HCF40109BEY Datasheet HTML 2Page - STMicroelectronics HCF40109BEY Datasheet HTML 3Page - STMicroelectronics HCF40109BEY Datasheet HTML 4Page - STMicroelectronics HCF40109BEY Datasheet HTML 5Page - STMicroelectronics HCF40109BEY Datasheet HTML 6Page - STMicroelectronics HCF40109BEY Datasheet HTML 7Page - STMicroelectronics HCF40109BEY Datasheet HTML 8Page - STMicroelectronics HCF40109BEY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HCF40109B
5/9
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test Condition
Value (*)
Unit
VCC (V)
VDD (V)
SHITFING MODE
Min.
Typ.
Max.
tPHL tPLH Propagation Delay Time :
(Data input to output)
High to Low Level
510
L - H
300
600
ns
5
15
220
440
10
15
180
360
10
5
H - L
850
1600
15
5
850
1600
15
10
290
580
Low to High Level
5
10
L - H
130
260
ns
5
15
120
240
10
15
70
140
10
5
H - L
230
460
15
5
230
460
15
10
80
160
tPHZ
3-State Disable DelayTime
Output High to High
Impedance
510
L - H
60
120
ns
515
50
100
10
15
35
70
10
5
H - L
120
240
15
5
120
240
15
10
40
80
tPZH
High Impedance to Output
High
510
L - H
320
640
ns
5
15
230
460
10
15
180
360
10
5
H - L
800
1500
15
5
800
1500
15
10
280
560
tPLZ
Output Low to High
Impedance
510
L - H
370
740
ns
5
15
300
600
10
15
250
500
10
5
H - L
850
1600
15
5
850
1600
15
10
350
700
tPZL
High Impedance to Output
Low
510
L - H
100
200
ns
515
80
160
10
15
40
80
10
5
H - L
120
240
15
5
120
240
15
10
40
80
tTHL,tTLH Transition Time
5
10
L - H
50
100
ns
515
40
80
10
15
40
80
10
5
H - L
100
200
15
5
100
200
15
10
50
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com