Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-T67F Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LP-T67F
Description  white PLCC-2 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T67F Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LP-T67F Datasheet HTML 6Page - OSRAM GmbH LP-T67F Datasheet HTML 7Page - OSRAM GmbH LP-T67F Datasheet HTML 8Page - OSRAM GmbH LP-T67F Datasheet HTML 9Page - OSRAM GmbH LP-T67F Datasheet HTML 10Page - OSRAM GmbH LP-T67F Datasheet HTML 11Page - OSRAM GmbH LP-T67F Datasheet HTML 12Page - OSRAM GmbH LP-T67F Datasheet HTML 13Page - OSRAM GmbH LP-T67F Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2012-03-12
10
Version 1.0
LP T67F
Max. Permissible Forward Current
Maximal zulässiger Durchlassstrom
I
F = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, T
A = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, T
A = 85 °C
LP T67F
0
20
40
60
80
100
T [°C]
0
5
10
15
20
25
30
35
40
45
50
55
IF [mA]
: TA
: TS
5P25-78.2
10-5 10-4 10-3 0.01 0.1
1
10
Duty Cycle[s]
0.06
0.08
0.10
IF [A]
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005
5P100
10-5 10-4 10-3 0.01 0.1
1
10
Duty Cycle[s]
0.04
0.06
0.08
0.10
IF [A]
: D=1,0
: D=0,5
: D=0,2
: D=0,1
: D=0,05
: D=0,02
: D=0,01
: D=0,005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com