Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-G5AP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LR-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-G5AP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LR-G5AP Datasheet HTML 4Page - OSRAM GmbH LR-G5AP Datasheet HTML 5Page - OSRAM GmbH LR-G5AP Datasheet HTML 6Page - OSRAM GmbH LR-G5AP Datasheet HTML 7Page - OSRAM GmbH LR-G5AP Datasheet HTML 8Page - OSRAM GmbH LR-G5AP Datasheet HTML 9Page - OSRAM GmbH LR-G5AP Datasheet HTML 10Page - OSRAM GmbH LR-G5AP Datasheet HTML 11Page - OSRAM GmbH LR-G5AP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2011-05-04
8
LR G5AP
Forward Current 2) page 20
Durchlassstrom 2) Seite 20
I
F = f (VF); TS = 25 °C
Relative Luminous Intensity 2) page 20 , 6) page 20
Relative Lichtstärke 2) Seite 20 , 6) Seite 20
I
V/IV(100 mA) = f(IF); TS = 25 °C
Relative Forward Voltage 2) page 20
Relative Vorwärtsspannung 2) Seite 20
ΔV
F = VF - VF(25°C) = f(Tj); IF = 100 mA
Relative Luminous Intensity 2) page 20
Relative Lichtstärke 2) Seite 20
I
V/IV(25)°C = f(Tj); IF = 100 mA
1,8 1,9 2,0 2,1 2,2 2,3 2,4
VF [V]
40
60
80
100
120
140
160
180
200
IF [mA]
50
100
150
200
IF [mA]
0,0
0,5
1,0
1,5
2,0
IV
IV (100mA)
-40
-0.15
˚C
T
j
OHL04417
V
F
V
Δ
-20
0
20 40 60 80
120
-0.10
-0.05
0
0.05
0.10
0.15
0.25
OHL04420
-40
˚C
j
T
-20
0
20 40 60 80
120
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
(25 ˚C)
I
V
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com