Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR-G5AP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LR-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-G5AP Datasheet(HTML) 1 Page - OSRAM GmbH

  LR-G5AP Datasheet HTML 1Page - OSRAM GmbH LR-G5AP Datasheet HTML 2Page - OSRAM GmbH LR-G5AP Datasheet HTML 3Page - OSRAM GmbH LR-G5AP Datasheet HTML 4Page - OSRAM GmbH LR-G5AP Datasheet HTML 5Page - OSRAM GmbH LR-G5AP Datasheet HTML 6Page - OSRAM GmbH LR-G5AP Datasheet HTML 7Page - OSRAM GmbH LR-G5AP Datasheet HTML 8Page - OSRAM GmbH LR-G5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2011-05-04
1
2011-05-04
Advanced Power TOPLED
Datasheet
LR G5AP
released
Advanced Power TOPLED Plus packs outstanding
brightness into a mid-power package, making it the
perfect light source for thin applications that need
bright and homogeneous lighting.
Advanced Power TOPLED Plus verfügt über eine
hervorragende Helligkeit in einem Mid-Power
Gehäuse, weshalb Sie die perfekte Lichtquelle, für
helle und homogene Beleuchtung auf kleinstem
Raum ist.
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colorless clear
silicone resin, clear silicone lens
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss, klare Silikonlinse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 145°
Abstrahlwinkel bei 50 % I
V: 145°
Color: red (623 nm)
Farbe: rot (623 nm)
Optical efficiency (typ.): 65 lm/W (red)
Optischer Wirkungsgrad (typ.): 65 lm/W (rot)
ESD-withstand voltage: 2 kV acc. to
JESD22-A114-D
ESD-Festigkeit: 2 kV nach JESD22-A114-D
Applications
Anwendungen
backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Hinterleuchtung (LCD, Schalter, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
substitution of micro incandescent lamps
Ersatz von Kleinst-Glühlampen
decorative and entertainment lighting (incl. fiber
optic illumination)
dekorative Beleuchtung
signal and symbol luminaire for orientation
Signal- und Symbolleuchten zur Orientierung
marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
indoor and outdoor commercial and residential
architectural lighting
Fassadenbeleuchtung im Innen- und
Außenbereich


Similar Part No. - LR-G5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
More results

Similar Description - LR-G5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LD-G5AP OSRAM-LD-G5AP Datasheet
606Kb / 18P
white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LA-E6SF OSRAM-LA-E6SF Datasheet
493Kb / 21P
white PLCC-4 package, colorless clear silicone resin
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
white PLCC-4 package, colorless clear silicone resin
LT-E6SG OSRAM-LT-E6SG Datasheet
497Kb / 21P
white PLCC-4 package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com