Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17358AFP Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA17358AFP
Description  Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17358AFP Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA17358AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 9Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HA17358/A Series
7
Solder Mounting Method
1. Small and light surface-mount packages require spicial attentions on solder mounting.
On solder mounting, pre-heating before soldering is needed.
The following figure show an example of infrared rays refow.
2. The difference of thermal expansion coefficeient between mounted substrates and IC leads may cause a
failure like solder peeling or soler wet, and electrical characteristics may change by thermal stress.
Therefore, mounting should be done after sufficient confirmation for especially in case of ceramic
substrates.
140 to 160
°C
1 to 5
°C/s
235
°C Max
10 s Max
1 to 4
°C/s
Time (s)
≅ 60 s
Figure 1 An Example of Infrared Rays Reflow Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com