Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA17358AFP Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA17358AFP
Description  Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17358AFP Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA17358AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 9Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HA17358/A Series
9
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-8DC
Conforms
—
0.085 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
4.90
0.25
0.15
0
° – 8°
M
8
5
1
4
1.27
0.40
± 0.06
*0.42
± 0.08
5.3 Max
0.75 Max
0.60
+ 0.67
– 0.20
6.10
+ 0.10
– 0.30
1.08



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com