Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8028 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8028
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8028 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8028 Datasheet HTML 16Page - Linear Technology LTM8028 Datasheet HTML 17Page - Linear Technology LTM8028 Datasheet HTML 18Page - Linear Technology LTM8028 Datasheet HTML 19Page - Linear Technology LTM8028 Datasheet HTML 20Page - Linear Technology LTM8028 Datasheet HTML 21Page - Linear Technology LTM8028 Datasheet HTML 22Page - Linear Technology LTM8028 Datasheet HTML 23Page - Linear Technology LTM8028 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4633
20
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
loss curves in Figures 8 to 10 and adjusted with the 1.4
multiplier. The printed circuit board is a 1.6mm thick four
layer board with two ounce copper for the two outer layers
and one ounce copper for the two inner layers. The PCB
dimensions are 95mm x 76mm. The BGA heat sinks are
listed below Table 4.
Temperature Monitoring (TEMP1 and TEMP2)
A diode connected PNP transistor is used for the TEMP
monitor function by monitoring its voltage over tempera-
ture. The temperature dependence of this diode can be
understood in the equation:
D
= nVT ln
ID
IS


where VT is the thermal voltage (kT/q), and n, the ideality
factor is 1 for the two diode connected PNPs being used
in the LTM4633. Since ID has an exponential temperature
dependence that can be understood from the typical em-
pirical equation for IS:
IS =IOexp
–VGO
VT


whereIOissomeprocessandgeometry-dependentcurrent
(IO is typically around 20 orders of magnitude larger than
IS at room temperature, so IO is much larger than typical
values of ID), and VG0 is the band gap voltage of 1.2V
extrapolated to absolute zero of –273°C Kelvin. Figure 4
shows a plot of the diode temperature characteristic of
the diode connected PNP transistor biased with a 100ua
current source. This plot would extend to the left back to
1.2V at –273°C Kelvin. This curve is stop at –55°C due to
the test system limits.
If we take the IS equation and substitute into the VD equa-
tion, then we get:
VD = VGO –
kT
q


ln
10
ID


, VT =
kT
q
The expression shows that the junction voltage of the PNP
connected diode decreases linearly if IO were constant
from a value VG0 of 1.2V at absolute zero to a decreasing
value with increased temperature.
Figure 4. TEMP Pin Diode Voltage vs Temperature
Figure 5. Thermal Plot for 12V Input to 1.8V at 10A Output 1,
1.8V at 10A Output 2, and 5V at 8A Output 3 with 200LFM of
Airflow
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4633 F04
125
ID = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com