Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology LTM4609 Datasheet HTML 19Page - Linear Technology LTM4609 Datasheet HTML 20Page - Linear Technology LTM4609 Datasheet HTML 21Page - Linear Technology LTM4609 Datasheet HTML 22Page - Linear Technology LTM4609 Datasheet HTML 23Page - Linear Technology LTM4609 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTM4636-1
20
46361fa
For more information www.linear.com/LTM4636-1
APPLICATIONS INFORMATION
Enhanced Overvoltage OVP and Overtemperature
Protection OTP
TheLTM4636-1hastwoenhancedprotectionfeaturesthat
can be used to detect overtemperature and overvoltage.
The BIAS pin is supplied to power the protection circuitry
off of an auxiliary supervisory supply separate from the
highpowercircuitbreakerpath.Thisisrequiredtoproperly
bias the protection circuitry with the proper headroom at
powerup,andcircuitbreakerretry.Thisseparatebiassup-
ply needs to supply 1mA per module, and 6mA per module
during an overvoltage and overtemperature event. If the
CROWBAR signal is used then an instantaneous current
will be need to drive the crow bar mosfets. This is current
is ~ 50mA. The bias voltage can be used to program the
OTP and OVP set points.
TheTMONpinvoltagevariesfrom1.0Vat25°Cupto1.45V
at 150°C. The TMON pin can be compared to a program-
mable set point utilizing the 24.9k resistor to ground on
the OTP_SET pin. See the block diagram. By adding an
external resistor from this pin to the BIAS pin, an OTP
trip point can be set below the 150°C (1.45V) level as an
overtemperature detection, and the OVER_TEMP open-
collector pin will pull low to provide a system alert, or can
be used to trip off power. This feature can be ignored by
floating the OVER_TEMP and OTP_SET pins.
The equation:
ROTP 24.9k •
BIAS
OTP _ SET
1 ;
OTP _ SET 1.0V(25 C) 3.52mV/°C • 105 C
For 130°C, OTP_SET = 1.37V
Where BIAS is the voltage applied to BIAS pin, Ex: 5V.
OTP_SET is the voltage equivalent to temperature on the
TMON pin. For example, BIAS = 5V, and the overtem-
perature trip point is set to 130°C. TMON has a range of
440mVfrom25°Cto150°C,thereforetheTMONpinmoves
3.52mV/°C above 25°C. 130°C minus 25°C = 105°C rise.
The ROTP resistor calculates out to a close 1% value of
66.5k.
The BIAS supply can be between 4V to 5.5V, the OTP_SET
trip point depends on the BIAS supply voltage to be accu-
rate, otherwise a more accurate reference can be derived
from the BIAS supply to be utilized to program the set
point. See application schematics.
The LTM4636-1 controller has overvoltage protection
feedback voltage referred that trips at ~7.5% above VOUT.
This feature will try to correct an overvoltage transient
issue, but does not protect for a shorted input power
source in the event of a top power switch short while the
bottom switch is on trying to protect the load. The input
source has a direct path to ground in this condition. Nei-
ther will this feature protect an overvoltage issue caused
by an open feedback path. The enhanced overvoltage
protection consists of a fast comparator that compares
VOUT to a programmed value set at the OVP_SET pin. An
OVP_TRIP point can be set using the BIAS supply and an
external resistor (ROVP) with the internal 24.9k resistor.
The equation:
ROVP 24.9k •
BIAS
OVP _ TRIP
– 1
where OVP_TRIP is the maximum overvoltage level set
point. The OVP_TRIP open-collector output pulls low and
can be used to trip off a circuit breaker or alert the system
of an OVP fault. The CROWBAR output drive can be used
todriveanexternalN-channelpowerMOSFETtoclampthe
output voltage and discharge the inductor stored energy.
Depending on the power design, the OVP trip point and
the output capacitance, the CROWBAR clamp may not be
needed. Testing will need to be performed to characterize
the behavior of the clamping with and without the crow-
bar. Proper crowbar power MOSFET SOA (safe operating
area) selection will be required to make sure the MOSFET
can handle the discharge current. A small surface mount
resistor can be placed in series from VOUT to the drain of
the CROWBAR FET to limit the CROWBAR but still clamp
the output. To disable the function, float the OVP_SET,
OVP_TRIP and CROWBAR pins.
The BIAS supply can be between 4.0V to 5.5V, while the
OVP_TRIP point depends on the BIAS supply voltage ac-
curacy. Otherwise an accurate reference can be derived
from the BIAS supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com