Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4609
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology LTM4609 Datasheet HTML 19Page - Linear Technology LTM4609 Datasheet HTML 20Page - Linear Technology LTM4609 Datasheet HTML 21Page - Linear Technology LTM4609 Datasheet HTML 22Page - Linear Technology LTM4609 Datasheet HTML 23Page - Linear Technology LTM4609 Datasheet HTML 24Page - Linear Technology LTM4609 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTM4636-1
21
46361fa
For more information www.linear.com/LTM4636-1
APPLICATIONS INFORMATION
RUNP and RUNC Enable
The RUNP pin is used to enable the 5V PVCC supply that
powersthepowerdriverstageandenablesthepowerstage
~1ms later. The RUNC pin is used to enable the control
section that drives the power stage. The RUNP needs to be
enabled first, and then RUNC. RUNP has a 0.85V threshold
and can be connected to the input voltage and RUNC has
a 1.35V threshold and a 10k resistor to ground. See the
BlockDiagramfordetails.A0.1µFcapacitorfromtheRUNC
pin to ground is used to set the delay for RUNC enable.
INTVCC and PVCC Regulators
The LTM4636-1 has an internal low dropout regulator
from VIN called INTVCC. This regulator output has a 4.7F
ceramic capacitor internal. This regulator powers the
control section. The PVCC 5V regulator supplies power
to the power MOSFET driver stage. An additional 50mA
can be used from this 5V PVCC supply for other needs.
The input supply source resistance needs to be very low
in order to minimize IR drops when operating from a 5V
inputsource.Dependingontheoutputvoltageandcurrent,
the input supply can source large current,and PVCC 5V
regulator needs a minimum 4.7V supply. Additional input
capacitance maybe needed for 5V inputs to limit the input
droop.
Stability Compensation
The LTM4636-1 has already been internally compensated
when COMPB is tied to COMPA for all output voltages.
Table 5 is provided for most application requirements.
For specific optimized requirements, disconnect COMPB
from COMPA, and use LTpowerCAD to perform specific
control loop optimization. Then select the desired external
compensation and output capacitance for the desired
optimized response.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combina-
tion is used called a snubber circuit. The resistor will
dampen the resonance and the capacitor is chosen to
only affect the high frequency ringing across the resistor.
If the stray inductance or capacitance can be measured or
approximated then a somewhat analytical technique can
be used to select the snubber values. The inductance is
usually easier to predict. It combines the power path board
inductance in combination with the MOSFET interconnect
bond wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated:
Z(L) = 2πfL,
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: Z(C) = 1/(2πfC). These values are a good
place to start with. Modification to these components
should be made to attenuate the ringing with the least
amount of power loss. A recommended value of 2.2 in
series with 2200pF to ground should work for most ap-
plications. See Figure 19 for layout guidelines. The 2.2
resistor should be an 0805 size.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients
in found in JESD51-12 (“Guidelines for Reporting and
Using Electronic Package Thermal Information”).
Manydesignersmayopttouselaboratoryequipmentanda
testvehiclesuchasthedemoboardtopredicttheµModule
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are, in and of themselves, not relevant to providing
guidance of thermal performance; instead, the derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com