Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4615
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 9Page - Linear Technology LTM4615 Datasheet HTML 10Page - Linear Technology LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTM4639
13
4639f
For more information www.linear.com/LTM4639
together to share the current evenly. Figure 24 shows a
schematic of the parallel design.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current
cancellation mathematical derivations are presented, and
a graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases
(see Figure 2).
PLL, Frequency Adjustment and Synchronization
TheLTM4639switchingfrequencyissetbyaresistor(RfSET)
from the fSET pin to signal ground. A 10µA current (IFREQ)
flowingoutofthefSETpinthroughRfSETdevelopsavoltage
on fSET. RfSET can be calculated as:
RfSET =
FREQ
500kHz / V
+0.2V
1
10µA
APPLICATIONS INFORMATION
Figure 3. Relationship Between Switching
Frequency and Voltage at the fSET Pin
Figure 2. Normalized Input RMS Ripple Current vs Duty Cycle for One to Six µModule Regulators (Phases)
0.75 0.8
4639 F02
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY CYCLE (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1 PHASE
2 PHASE
3 PHASE
4 PHASE
6 PHASE
fSET PIN VOLTAGE (V)
0
0.5
1
1.5
2
4639 F03
2.5
0
100
300
400
500
900
800
700
200
600
The relationship of fSET voltage to switching frequency is
shown in Figure 3. For low output voltages from 0.6V to
1.2V, 300kHz operation is an optimal frequency for the
best power conversion efficiency while maintaining the
inductor current to about 40% to 50% of maximum load
current. For output voltages from 1.5V to 1.8V, 450kHz
is optimal. For output voltages from 2.5V to 5V, 600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com