Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4615 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4615
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology LTM4615 Datasheet HTML 19Page - Linear Technology LTM4615 Datasheet HTML 20Page - Linear Technology LTM4615 Datasheet HTML 21Page - Linear Technology LTM4615 Datasheet HTML 22Page - Linear Technology LTM4615 Datasheet HTML 23Page - Linear Technology LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4639
21
4639f
For more information www.linear.com/LTM4639
Figure 14. 7VIN to 1.0VOUT with Heat Sink
Figure 15. 5VIN to 2.5VOUT No Heat Sink
APPLICATIONS INFORMATION
Figure 16. 5VIN to 2.5VOUT with Heat Sink
Figure 17. 7VIN to 2.5VOUT No Heat Sink
Figure 18. 7VIN to 2.5VOUT with Heat Sink
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F14
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F15
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F16
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F17
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F18
10
20
60
100 120
0 LFM
200 LFM
400 LFM
Figure 19. 7VIN to 5VOUT No Heat Sink,
EXTVCC = 5V, CPWR = 7V
Figure 20. 7VIN to 5VOUT with Heat Sink,
EXTVCC = 5V, CPWR = 7V
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F19
10
20
60
100 120
0 LFM
200 LFM
400 LFM
TEMPERATURE (°C)
0
0
5
15
20
25
40
80
140
4639 F20
10
20
60
100 120
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com