Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4643
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4643 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4643 Datasheet HTML 12Page - Linear Technology LTM4643 Datasheet HTML 13Page - Linear Technology LTM4643 Datasheet HTML 14Page - Linear Technology LTM4643 Datasheet HTML 15Page - Linear Technology LTM4643 Datasheet HTML 16Page - Linear Technology LTM4643 Datasheet HTML 17Page - Linear Technology LTM4643 Datasheet HTML 18Page - Linear Technology LTM4643 Datasheet HTML 19Page - Linear Technology LTM4643 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTM4643
16
4643fb
For more information www.linear.com/LTM4643
APPLICATIONS INFORMATION
1st Example: Figure  6 for 27°C, or 300K the diode
voltage is 0.598V, thus, 300K = –(1200mV – 598mV)/
–2.0 mV/K)
2nd Example: Figure  6 for 75°C, or 350K the diode
voltage is 0.50V, thus, 350K = –(1200mV – 500mV)/
–2.0mV/K)
Converting the Kelvin scale to Celsius is simply taking the
Kelvin temp and subtracting 273 from it.
A typical forward voltage is given in the electrical charac-
teristics section of the data sheet, and Figure 6 is the plot
of this forward voltage. Measure this forward voltage at
27°C to establish a reference point. Then using the above
expression while measuring the forward voltage over
temperature will provide a general temperature monitor.
Connect a resistor between TEMP and VIN to set the cur-
rent to 100µA. See Figure 31 for an example.
The motivation for providing these thermal coefficients in
found in JESD 51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to predict the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in-and-of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in this data sheet can be used
in a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD 51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD 51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the page. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditionsdon’tgenerallymatchtheuser’sapplication.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule regulator are on the bottom of the
Figure 6. Diode Voltage VD vs Temperature T(°C)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4643 F06
125
ID = 100µA
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configura-
tion section of the data sheet are consistent with those
parameters defined by JESD 51-12 and are intended for
use with finite element analysis (FEA) software modeling
tools that leverage the outcome of thermal modeling,
simulation, and correlation to hardware evaluation per-
formed on a µModule package mounted to a hardware
test board: defined by JESD 51-9 (“Test Boards for Area
Array Surface Mount Package Thermal Measurements”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com